? 2003 ixys all rights reserved 1 - 1 dsec 60-02aq 420 ixys reserves the right to change limits, test conditions and dimensions. v rsm v rrm type v v 200 200 dsec 60-02aq i fav = 2x30 a v rrm = 200 v t rr = 25 ns preliminary data symbol conditions maximum ratings i frms 70 a i favm t c = 145c; rectangular, d = 0.5 30 a i fsm t vj = 45c; t p = 10 ms (50 hz), sine 325 a e as t vj = 25c; non-repetitive 1.2 mj i as = 3 a; l = 180 h i ar v a = 1.5 v r typ.; f = 10 khz; repetitive 0.3 a t vj -55...+175 c t vjm 175 c t stg -55...+150 c p tot t c = 25c 165 w m d mounting torque 0.8...1.2 nm f c mounting force w ith clip 20...120 n weight typical 6 g symbol conditions characteristic values typ. max. i r v r = v rrm ;t vj = 25c 10 a v r = v rrm ;t vj = 150c 200 a v f i f = 30 a; t vj = 150c 0.95 v t vj = 25c 1.20 v r thjc 0.9 k/w r thch 0.25 k/w t rr i f = 1 a; -di/dt = 200 a/s; 25 ns v r = 30 v; t vj = 25c i rm v r = 100 v; i f = 50 a; 4 a -di f /dt = 100 a/s; t vj = 100c hiperfred tm epitaxial diode with common cathode and soft recovery ac a pulse test: pulse width = 5 ms, duty cycle < 2.0 % pulse width = 300 s, duty cycle < 2.0 % data according to iec 60747 and per diode unless otherwise specified. features international standard package planar passivated chips very short recovery time extremely low switching losses low i rm -values soft recovery behaviour epoxy meets ul 94v-0 applications antiparallel diode for high frequency switching devices antisaturation diode snubber diode free wheeling diode in converters and motor control circuits rectifiers in switch mode power supplies (smps) inductive heating uninterruptible power supplies (ups) ultrasonic cleaners and welders advantages avalanche voltage rated for reliable operation soft reverse recovery for low emi/rfi low i rm reduces: - power dissipation within the diode - turn-on loss in the commutating switch a = anode, c = cathode to-3 p a c a c (tab)
|